PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
EF2K0BTZ1318 EF3K0BTZ1318 |
POWER TRANSFORMER, 2000 VA POWER TRANSFORMER, 3000 VA
|
|
B0226-EL B0226-ELD B0226-ELB |
Flyback Transformer Transformer, for ON NCP1030, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
CMD6LNLNP-120MB CMD6LNLNP-120MC CMD-6LNL CMD6LNLNP |
General Power Transformer POWER TRANSFORMER
|
Sumida, Corp. SUMIDA[Sumida Corporation]
|
A41-175-12A11 A41-130-12A10 |
SPLIT BOBBIN POWER TRANSFORMER, 175 VA SPLIT BOBBIN POWER TRANSFORMER, 130 VA
|
PULSE ELECTRONICS CORP
|
CMD6NP-330MB CMD6NP-330MC CMD6NP-270MB CMD6NP-270M |
General Power Transformer <SMD Type: CMD Series General Power Transformer General Power Transformer Type: CMD Series
|
Sumida Corporation
|
DP-241-8-20 241-6-20 241-8-24 |
SPLIT BOBBIN POWER TRANSFORMER, 100 VA SPLIT BOBBIN POWER TRANSFORMER, 30 VA
|
SIGNAL TRANSFORMER CO INC
|
CLS4D28NP-2R2NB CLS4D28NP-2R2NC CLS4D28NP-1R5NB CL |
Power Inductor & 2 in 1 Transformer < CLS Series> 2 ELEMENT, 5.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductor & 2 in 1 Transformer < CLS Series> 2 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductor & 2 in 1 Transformer CLS Series Power Inductor & 2 in 1 Transformer < CLS Series
|
Sumida, Corp. Sumida Corporation
|
FL3209-2 FL2015-4 |
NOT RoHS. Transformer, CCFL, SMT 3.5 W, SMPS TRANSFORMER 6 W, SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
CEFD1608 |
General Power & PoE Transformer<SMD Type: CEFD series> General Power & PoE Transformer Type: CEFD series General Power & PoE Transformer
|
Sumida Corporation
|
WB1010-1-SMLB WB3010-SMLB WB1010-1-PCL WB1015-PCL |
Wideband RF transformer, SMT, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.005 MHz - 100 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.1 MHz - 150 MHz RF TRANSFORMER
|
Coilcraft, Inc.
|
0398-T082 LC-15 LC-151 |
General Power Transformer , Pin Type: LC Series General Power Transformer Type: LC Series
|
Sumida Corporation
|